| データシートサーチシステム |
|
SSD1850Z データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1850Z データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 56 page ![]() SSD1850/51 Series Rev 1.2 01/2003 SOLOMON 3 BLOCK DIAGRAM VL6 VL5 VL4 VL3 VL2 VSS C1P C2P C3P C4P C5P C1N C2N GDDRAM 128 x 65 x 2 Bits (SSD1850) 128 x 81 x 2 Bits (SSSD1851) LCD Driving Voltage Generator 2X/3X/4X/5X/ 6X DC/DC Converter, Voltage Regulator, Bias Divider, Contrast Control, Temperature Compensation 193 Bit Latch (SSD1850) 209 Bits Latch (SSD1851) ICONS ROW0 to ROW63 (SSD1850) ROW0 to ROW79 (SSD1851) SEG0 ~SEG127 HV Buffer Cell Level Shifter Display Timing Generator Oscillator Level Selector Command Decoder Parallel / Serial Interface Command Interface CL VSS VDD V R V CC REF INTRS V CI V EXT RES# PS0 PS1 CS# R/W E D/C (WR#)(RD#) D7 D6 D5 D4 D3 D2 D1 D0 (SDA)(SCK) |