| データシートサーチシステム |
|
IPD65R250C6 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
IPD65R250C6 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 2 isc N-Channel MOSFET Transistor IPD65R250C6,IIPD65R250C6 ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT BVDSS Drain-Source Breakdown Voltage VGS=0V; ID=1mA 650 V VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.4mA 2.5 3.5 V RDS(on) Drain-Source On-Resistance VGS=10V; ID=4.4A 0.25 Ω IGSS Gate-Source Leakage Current VGS=20V; VDS=0V 0.1 μ A IDSS Drain-Source Leakage Current VDS=650V; VGS= 0V 1 μ A VSD Diode forward voltage IF=6.6A, VGS = 0V 0.9 V |