データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLRH190P データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLRH190P
部品情報  TOSHIBA LED Lamp InGaALP Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRH190P データシート(HTML) 2 Page - Toshiba Semiconductor

  TLRH190P Datasheet HTML 1Page - Toshiba Semiconductor TLRH190P Datasheet HTML 2Page - Toshiba Semiconductor TLRH190P Datasheet HTML 3Page - Toshiba Semiconductor TLRH190P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLRH190P
2002-09-25
2
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: Up to 2 mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4