データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CR10A001 データシート(PDF) 4 Page - TT Electronics.

部品番号 CR10A001
部品情報  In-Line Conformal Coated Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CR10A001 データシート(HTML) 4 Page - TT Electronics.

  CR10A001 Datasheet HTML 1Page - TT Electronics. CR10A001 Datasheet HTML 2Page - TT Electronics. CR10A001 Datasheet HTML 3Page - TT Electronics. CR10A001 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Single-In-Line Conformal Coated
Resistor/Capacitor Networks
CR Series
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Ordering Information
Model Series
No. of Leads:
4 to 14 pins
Circuit Type
Resistance Code:
101 = 100
Resistance Tolerance and TCR:
G = ±2%, TCR = ±100ppm/˚C
J = ±5%, TCR = ±200ppm/˚C
K = ±10%, TCR = ±200ppm/˚C
Capacitance Code:
101 = 100pF
Rated Voltage:
2 = 25Vdc
5 = 50Vdc
1 = 100Vdc
Dielectric Code:
X = X7R: 680pF ~ 47nF
Y = Y5V: 10pF ~ 1,500pF
C = CG (NPO): 10pF ~ 1,500pF
Capacitor Tolerance:
J = ±5%
K = ±10%
M = ±20%
Z = -20% to +80%
CR 9 1 101 J 101 K X
5
CR 10 A 001
Model Series
No. of Leads:
4 to 14
Unique Part Number Assigned by Factory
Circuit Type
Circuit 1
Custom Circuits A to U
, (50V: 100pF to 1µF)
LF
LF: RoHS compliant
LF
LF: RoHS compliant
Single-In-Line Conformal Coated
Resistor/Capacitor Networks
CR Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com