| データシートサーチシステム |
|
D2300-R-DFPB データシート(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
D2300-R-DFPB データシート(HTML) 3 Page - TT Electronics. |
|
3 / 3 page ![]() SOT23 Surface Mount Voltage Divider DIV23 Series Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number: D23-1K0-3K3FB (25ppm/°C, R1=1 kilohm, R2=3.3 kilohms, absolute tolerance ±1%, ratio tolerance ±0.1%, Pb-free) D 2 3 - 1 K 0 - 3 K 3 F B 1 2 3 4 5 6 7 Note that this is equivalent to the legacy part number SOT23-3K3-1K0FB in which positions of R1 and R2 were transposed. USA (IRC) Part Number: SOT-DIV23LF-03-1001-3301-FB (25ppm/°C, R1=1 kilohm, R2=3.3 kilohms, absolute tolerance ±1%, ratio tolerance ±0.1%, Pb-free) S O T - D I V 2 3 L F - 0 3 - 1 0 0 1 - 3 3 0 1 - F B 1 2 3 4 5 6 7 8 Note that this is equivalent to the legacy part number SOT-SOT23LF-03-3301-1001-FB in which positions of R1 and R2 were transposed. 1 2 3 4 5 6 7 Type Absolute TCR Value R1 Value R2 Absolute Tolerance Ratio Tolerance Termination & Packing D23 = DIV23 Omit for ±25ppm/°C E24 = 3/4 characters E96 = 3/4 characters R = ohms K = kilohms B = ±0.1% A = ±0.05% Omit for Pb-free, Standard pack 02 = ±50ppm/°C C = ±0.25% B = ±0.1% 01 = ±100ppm/°C D = ±0.5% C = ±0.25% PB = SnPb finish, Standard pack 00 = ±250ppm/°C F = ±1% D = ±0.5% G = ±2% F = ±1% 1000/reel J = ±5% G = ±2% K = ±10% 1 2 3 4 5 6 7 8 Family Model Termination Absolute TCR Value R1 Value R2 Absolute Tolerance Ratio Tolerance Packing SOT DIV23 Omit for SnPb (60/40) 03 = ±25ppm/°C 3 digits + multiplier B = ±0.1% A = ±0.05% 1000/reel 02 = ±50ppm/°C R = ohms for values <100 ohms C = ±0.25% B = ±0.1% LF = Pb-free (100%Sn) 01 = ±100ppm/°C D = ±0.5% C = ±0.25% 00 = ±250ppm/°C F = ±1% D = ±0.5% G = ±2% F = ±1% J = ±5% G = ±2% K = ±10% BI Technologies IRC Welwyn 07.14 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors |