データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VSC7140QJ データシート(PDF) 12 Page - Vitesse Semiconductor Corporation

部品番号 VSC7140QJ
部品情報  1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VITESSE [Vitesse Semiconductor Corporation]
ホームページ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7140QJ データシート(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC7140QJ Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7140QJ Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7140
1.0625 Gb/s Fibre Channel
Dual Repeater / Hub Node
Page 12
G52180-0, Rev 4.0
10/23/00
©
VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device number and package type.
Marking Information
The package is marked with three lines of text as shown below (QJ Package):
Notice
Vitesse Semiconductor Corporation reserves the right to make changes in its products, specifications or
other information at any time without prior notice. Therefore the reader is cautioned to confirm this datasheet is
current prior to placing any orders. The company assumes no responsibility for any circuitry described other
than circuitry entirely embodied in a Vitesse product.
Warning
Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.
VSC7140
QJ
Device Type
VSC7140 - Dual Repeater / Hub Node
Package Type
QJ: 52 Pin Thermally Enhanced PQFP, 10x10 mm Body
VITESSE
VSC7140QJ
Package Suffix
Part Number
Pin Identifier
Exposed Heat Spreader
####AAAA
Lot Tracking Code
Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com