データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT32F22366 データシート(PDF) 30 Page - Holtek Semiconductor Inc

部品番号 HT32F22366
部品情報  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 データシート(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Rev. 1.00
30 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
Package
Alternate Function Number
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10 AF11
AF12
AF13 AF14
AF15
100
LQFP
64
LQFP
48
LQFP
46
QFN
System
Default
GPIO ADC
CMP
MCTM
/GPTM
SPI
USART
/UART
I2C
SCI
EBI
I2S
SDIO
CSIF
N/A
N/A
System
Other
�3
PD14
SPI1_
SCK
EBI_A8
�4
PD15
SPI1_
MOSI
EBI_A9
�5
PE0
SPI1_
MISO
EBI_A10
35
3�
VDD_�
36
33
VSS_�
�6
49
3�
34
PB�
MT0_
CH�
SPI0_
SEL UR0_TX
EBI_AD4
CSIF_
D0
CKI�
��
50
38
35
PB3
MT0_
CH��
SPI0_
SCK UR0_RX
EBI_AD5
CSIF_
D1
�8
51
39
36
PB4
MT0_
BRK
SPI0_
MOSI UR1_TX
EBI_AD6
CSIF_
D�
�9
5�
40
3�
PB5
MT1_
BRK
SPI0_
MISO UR1_RX
EBI_AD�
CSIF_
D3
80
53
PC�
MT0_
CH3
I�C0_
SCL
EBI_AD8
SD_
CMD
81
54
PC8
MT0_
ETI
I�C0_
SDA
EBI_AD9
SD_
CLK
8�
PE1
MT1_
CH0
USR1_
TX
SCI0_
CLK
EBI_A11
83
PE�
MT1_
CH0�
SCI0_
DIO
EBI_A1�
84
PE3
MT1_
CH1
EBI_A13
85
55
VDD_4
86
56
VSS_4
8�
PE4
MT1_
CH1�
I�C1_
SCL
EBI_A14
SD_
DAT0
88
PE5
MT1_
CH�
USR1_
RX
I�C1_
SDA
EBI_A15
SD_
DAT1
89
PE6
MT1_
CH��
USR1_
RTS
EBI_BL0 I�S_
BCLK
SD_
DAT�
90
PE�
MT1_
BRK
USR1_
CTS
EBI_BL1 I�S_
MCLK
SD_
DAT3
91
5�
41
38
PB6
C�0
MT1_
CH0
SPI1_
SEL UR1_TX
EBI_OE
I�S_
MCLK
CSIF_
D4
9�
58
4�
39
PB�
CP0
MT1_
CH0�
SPI1_
SCK
EBI_CS0
CSIF_
D5
93
59
43
40
PB8
COUT0
SPI1_
MOSI UR1_RX
EBI_WE
CSIF_
D6
94
60
44
41
PB9
C�1
MT1_
CH�
SPI1_
MISO UR0_TX
SCI1_
CLK EBI_ALE
I�S_
BCLK
SD_
DAT1
CSIF_
D�
95
61
45
4�
PB10
CP1
MT1_
CH��
I�C1_
SCL
SCI1_
DET EBI_CS1
I�S_
SDO
SD_
DAT�
96
6�
46
43
PB11
COUT1
MT1_
CH3
UR0_RX I�C1_
SDA
SCI1_
DIO EBI_CS�
I�S_
SDI
SD_
DAT3
9�
63
4�
44
VDDA
98
63
4�
44
VREF+
99
64
48
45
VREF-
100
64
48
45
VSSA
�ote: The EP is �eant the exposed pad of the QF� package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56