| データシートサーチシステム |
|
HT45F5R データシート(PDF) 91 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F5R データシート(HTML) 91 Page - Holtek Semiconductor Inc |
|
91 / 138 page ![]() Rev. 1.10 90 De�e��e� 1�� �01� Rev. 1.10 91 De�e��e� 1�� �01� HT45F5R Charger ASSP Flash MCU HT45F5R Charger ASSP Flash MCU Analog to Digital Converter Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements. A/D Converter Overview Thisdevicecontainsamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals directlyintoa12-bitdigitalvalue.Italsocanconverttheinternalsignals,theBandgapreference voltageVBG,10×IS,USBD+/D-internaldividerregistersoutputvoltageVDPVDO/VDNVDO,intoa 12-bitdigitalvalue.Theexternalorinternalanalogsignaltobeconvertedisdeterminedbythe SAINS2~SAINS0bitstogetherwiththeSACS3~SACS0bits.Whentheexternalanalogsignalisto beconverted,thecorrespondingpin-sharedcontrolbitsshouldfirstbeproperlyconfiguredandthen desiredexternalchannelinputshouldbeselectedusingtheSAINS2~SAINS0andSACS3~SACS0 bits.Notethatwhentheinternalanalogsignalistobeconverted,thepin-sharedcontrolbitsshould alsobeproperlyconfiguredexcepttheSAINSandSACSbitfields.Moredetailedinformationabout theA/Dinputsignalisdescribedinthe"A/DConverterControlRegisters"and"A/DConverter InputSignals"sectionsrespectively. External Input Channels Internal Analog Signals Channel Select Bits 8: AN0~AN�� Vsense 4:VBG� 10×IS� VDPVDO� VDNVDO SAINS�~SAINS0� SACS�~SACS0 TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together withitsassociatedregisters. A/D Conve�te� START ADBZ ADCEN AVSS A/ D Clo�k ÷�N (N=0~7) fSYS AVDD ADCEN SADOL SADOH AN1 AN� A/D Conve�te� Refe�en�e Voltage A/D Data Registe�s VBG ADRFS SAINS�~SAINS0 SACS�~SACS0 SACKS�~ SACKS0 Vsense 10×IS VDPVDO VDNVDO Pin-sha�ed Sele�tion Pin-sha�ed Sele�tion AVDD SAVRS1~SAVRS0 VREF A/D Converter Structure |