| データシートサーチシステム |
|
HT45F3830 データシート(PDF) 32 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F3830 データシート(HTML) 32 Page - Holtek Semiconductor Inc |
|
32 / 149 page ![]() Rev. 1.10 3� �an�a�� 0�� �01� Rev. 1.10 33 �an�a�� 0�� �01� HT45F3830 Ultrasonic Atomizer Flash MCU HT45F3830 Ultrasonic Atomizer Flash MCU Programming Considerations CaremustbetakenthatdataisnotinadvertentlywrittentotheEEPROM.Protectioncanbe PeriodicbyensuringthattheWriteEnablebitisnormallyclearedtozerowhennotwriting.Also theBankPointercouldbenormallyclearedtozeroasthiswouldinhibitaccesstoBank1where theEEPROMcontrolregisterexist.Althoughcertainlynotnecessary,considerationmightbegiven intheapplicationprogramtothecheckingofthevalidityofnewwritedatabyasimplereadback process.WhenwritingdatatheWRbitmustbesethighimmediatelyaftertheWRENbithasbeen sethigh,toensurethewritecycleexecutescorrectly.TheglobalinterruptbitEMIshouldalsobe clearedbeforeawritecycleisexecutedandthenre-enabledafterthewritecyclestarts.Notethat thedeviceshouldnotentertheIDLEorSLEEPmodeuntiltheEEPROMreadorwriteoperationis totallycompleted,otherwise,theEEPROMreadorwriteoperationwillfail. Programming Examples • Reading data from the EEPROM – polling method MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A SET IAR1.1 ; set RDEN bit, enable read operations SET IAR1.0 ; start Read Cycle - set RD bit BACK: SZ IAR1.0 ; check for read cycle end JMP BACK CLR IAR1 ; disable EEPROM write CLR BP MOV A, EED ; move read data to register MOV READ_DATA, A • Writing Data to the EEPROM – polling method MOV A, EEPROM_ADRES ; user defined address MOV EEA, A MOV A, EEPROM_DATA ; user defined data MOV EED, A MOV A, 040H ; setup memory pointer MP1 MOV MP1, A ; MP1 points to EEC register MOV A, 01H ; setup Bank Pointer MOV BP, A ; BP points to data memory bank 1 CLR EMI SET IAR1.3 ; set WREN bit, enable write operations SET IAR1.2 ; start Write Cycle - set WR bit — executed immediately ; after set WREN bit SET EMI BACK: SZ IAR1.2 ; check for write cycle end JMP BACK CLR IAR1 ; disable EEPROM write CLR BP |