| データシートサーチシステム |
|
HT66F005 データシート(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F005 データシート(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 109 page ![]() Rev. 1.30 8 ���i� ��� �01� Rev. 1.30 9 ���i� ��� �01� HT66F005/HT66F006 Cost-Effective A/D Flash MCU with EEPROM HT66F005/HT66F006 Cost-Effective A/D Flash MCU with EEPROM Block Diagram Fl as h/ EEPR OM Pr ogr a mmi ng Ci rc ui tr y Wa tc hdog Ti me r 8- bi t RI SC MC U Co re Re se t Ci rc ui t In te rr up t Co nt ro lle r Ex te rn al Xt al Os c illa to r 12 -B it A /D Co nv er te r In te r nal R C Os ci lla to rs St ac k EEPR OM Da ta Me mo ry Fl as h Pr og ra m Me mo ry RA M Da ta Me mo ry Ti me r M odu le s Lo w Vo lt ag e Re se t Ti me B as e I/O Pin Assignment HT 66F 005/ HT 66F 00 6 10 MS OP -A PA 3/ [I NT ]/ AN 3 PA 2/ [I NT ]/ TC K1 /T P 0_0/ AN 2 PA 1/ [T P 0_1 ]/A N1 /V RE F PA 0/ [T P 0_0 ]/A N0 VSS & AVSS PA 4/ [T CK 1 ]/T P 1_1 PA 5/ IN T/ TP 0_1/ OS C2 PA 6/ [T CK 0 ]/T P 1_0/ OS C1 PA 7/ [I NT ]/ TC K0 /[ TC K1 ]/[T P 1_0] VD D & AV DD 10 9 8 7 6 1 2 3 4 5 HT 66F 005/ HT 66F 00 6 8 DI P- A/ SO P- A 1 2 3 4 8 7 6 5 VD D & AV DD PA 6/ [T CK 0] /T P 1_0/ OS C1 PA 5/ IN T/ TP 0_1/ OS C2 PA 7/ [I NT ]/ TC K0 /[T CK 1 ]/[ TP 1_0] VSS & AVSS PA 0/ [T P 0_0 ]/A N0 PA 1/ [T P 0_1 ]/A N1 /V RE F PA 2/ [I NT ]/ TC K1 /T P 0_0/ AN 2 Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations. 2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe “/”signcanbeusedforhigherpriority. 3.VDD&AVDDmeanstheVDDandAVDDarethedoublebonding. |