| データシートサーチシステム |
|
DR8-NJS-R-1 データシート(PDF) 10 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DR8-NJS-R-1 データシート(HTML) 10 Page - DOMINANT Semiconductors |
|
10 / 14 page ![]() 10 17/10/2017 V2.0 Packaging Specification Average 1pc DomiLED/Multi DomiLED 1 completed bag (2000pcs) 0.034 190 ± 10 Weight (gram) Cardboard Box Dimensions (mm) Empty Box Weight (kg) Super Small Small Medium Large For DomiLED Reel / Box Cardboard Box Size Weight (gram) 0.034 240 ± 10 DOMINANT TM Moisture sensitivity level Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Reel Barcode label Label (L) Lot No : lotno (P) Part No : partno (C) Cust No : partno (G) Grouping : group (Q) Quantity : quantity (D) D/C : date code (S) S/N : serial no DOMINANT Opto Technologies ML TEMP 2 260˚C RoHS Compliant Made in Malaysia 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 9 reels MAX 15 reels MAX 60 reels MAX 120 reels MAX IR : DR8-NJS DOMINANT Opto Technologies Innovating Illumination TM |