| データシートサーチシステム |
|
DWX-MJS データシート(PDF) 7 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DWX-MJS データシート(HTML) 7 Page - DOMINANT Semiconductors |
|
7 / 15 page ![]() AlInGaP : DWx-MJS 03/07/2017 V13.0 7 Power DomiLED • AllnGaP : DWx-MJS Package Outlines Material Material Lead-frame Package Encapsulant Soldering Leads Cu Alloy With Ag Plating High Temperature Resistant Plastic, PPA Epoxy Sn-Sn Plating DOMINANT Opto Technologies Innovating Illumination TM Note : Primary thermal path is through Anode lead of LED package. AlInGaP : DWx-MJS 04/11/2016 V12.0 7 DomiLEDTM • AllnGaP : DWx-MJS Package Outlines Material Material Lead-frame Package Encapsulant Soldering Leads Cu Alloy With Ag Plating High Temperature Resistant Plastic, PPA Epoxy Sn-Sn Plating DOMINANT Opto Technologies Innovating Illumination TM Note : Primary thermal path is through Anode lead of LED package. |