| データシートサーチシステム |
|
PIC18F4539-E/MLSQTP データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/MLSQTP データシート(HTML) 11 Page - Microchip Technology |
|
11 / 322 page ![]() 2002 Microchip Technology Inc. Preliminary DS30485A-page 9 PIC18FXX39 FIGURE 1-1: PIC18F2X39 BLOCK DIAGRAM Instruction Decode & Control PORTA PORTB PORTC RA4/T0CKI RA5/AN4/SS/LVDIN RC0/T13CKI RC3/SCK/SCL RC4/SDI/SDA RC5/SDO RC6/TX/CK RC7/RX/DT Note 1: The high order bits of the Direct Address for the RAM are from the BSR register (except for the MOVFF instruction). 2: Many of the general purpose I/O pins are multiplexed with one or more peripheral module functions. The multiplexing combinations are device dependent. Addressable PWM1 Synchronous Timer0 Timer1 Timer2 Serial Port RA3/AN3/VREF+ RA2/AN2/VREF- RA1/AN1 RA0/AN0 A/D Converter Data Latch Data RAM Address Latch Address<12> 12 (2) BSR FSR0 FSR1 FSR2 4 12 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8 x 8 Multiply WREG 8 BIT OP 8 8 ALU<8> 8 Address Latch Program Memory (up to 2 Mbytes) Data Latch 21 21 16 8 8 8 inc/dec logic 21 8 Data Bus<8> 8 Instruction 12 3 ROM Latch Timer3 PWM2 Bank0, F PCLATU PCU RA6 USART Master 8 Register Table Latch Table Pointer inc/dec logic Decode RB0/INT0 RB4 RB1/INT1 RB2/INT2 RB3 RB5/PGM RB6/PGC RB7/PGD Data EEPROM Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer OSC1/CLKI OSC2/CLKO MCLR VDD, VSS Brown-out Reset Timing Generation 4X PLL T1OSCI T1OSCO Precision Reference Voltage Low Voltage Programming In-Circuit Debugger PWM1 PWM2 |