| データシートサーチシステム |
|
SSS-HLD-R2T1-1 データシート(PDF) 6 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSS-HLD-R2T1-1 データシート(HTML) 6 Page - DOMINANT Semiconductors |
|
6 / 14 page ![]() 20/12/2016 V1.0 6 SpiceLED • AlInGaP S-Spice : SSx-HLD Package Outlines Material Material Lead-frame Package Cu Alloy With NiPdAu Plating High Temperature Resistant Epoxy Resin Note: product is Pb free Note : The center pad is a common anode. Please take care during soldering to avoid shorting. Primary thermal path is through Cathode lead of LED package. SSx-HLD DOMINANT Opto Technologies Innovating Illumination TM |