| データシートサーチシステム |
|
LTPL-P033RGB データシート(PDF) 2 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTPL-P033RGB データシート(HTML) 2 Page - Lite-On Technology Corporation |
|
2 / 14 page ![]() 1/13 PartNo.:LTPL-P033RGB BNS-OD-FC002/A4 Specific lighting LTPL-P033RGB 1. Description The LTPL (LiteOn Power LED) is a revolutionary, energy efficient and ultra compact new light source, combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of conventional lighting. It gives you total design freedom and unmatched brightness, creating a new opportunities for solid state lighting to displace conventional lighting technologies. 1.1. Features High power LED light source Instant light (less than 100 ns) Low voltage DC operated Low thermal resistance RoHS Compliant Lead free reflow solder compatible 1.2. Applications Reading lights (car, bus, aircraft) Portable (flashlight, bicycle) Downlighters/Orientation Decorative/Entertainment Bollards/Security/Garden Cove/Undershelf/Task Traffic signaling/Beacons/ Rail crossing and Wayside Indoor/Outdoor Commercial and Residential Architectural Edge_lit signs (Exit, point of sale) 2. Outline Dimensions Notes 1. All dimensions are in millimeters. 2. Tolerance is +/- 0.2 mm (.008”) unless otherwise noted. |