データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTSA-E67RVSWTU データシート(PDF) 3 Page - Lite-On Technology Corporation

部品番号 LTSA-E67RVSWTU
部品情報  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-E67RVSWTU データシート(HTML) 3 Page - Lite-On Technology Corporation

  LTSA-E67RVSWTU Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-E67RVSWTU Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
Part No. : LTSA-E67RVSWTU
BNS-OD-FC002/A4
SMD LED
LTSA-E67RVSWTU
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use a wide variety of electronic equipment, e.g.: cordless and
cellular phones, notebook computers and network systems etc..
1.1 Features
Meet ROHS
Package in 8mm tape on 7" diameter reels
Preconditioning: accelerate to JEDEC level 2a
Qualification refer to AEC-Q101 Ver. D
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
1.2 Applications
Automotive: accessary applications
2. Package Dimensions
Part No.
Lens Color
Source Color
LTSA-E67RVSWTU
Diffused
AlInGaP Yellow
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.2 mm (.008") unless otherwise noted.
3.
ANODE lead frame is heat sink of LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com