| データシートサーチシステム |
|
LTC2906CTS8 データシート(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2906CTS8 データシート(HTML) 3 Page - Linear Technology |
|
3 / 16 page ![]() LTC2906/LTC2907 3 29067f The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = V1 = 2.5V, VADJ = 0.55V, S1 = TOL = 0V, unless otherwise noted. (Notes 2, 3, 4) ELECTRICAL CHARACTERISTICS Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The greater of V1, VCC is the internal supply voltage (VMAX). Note 3: All currents into pins are positive; all voltages are referenced to GND unless otherwise noted. Note 4: For reset thresholds test conditions refer to the voltage threshold programming table in the Applications Information section. Note 5: The output pins RST and RST have an internal pull-up to VMAX of typically –6 µA. However, an external pull-up resistor may be used when faster rise time is required or for VOH voltages greater than VMAX. Note 6: The input current to the three-state input pins are the pull-up and the pull-down current when the pins are either set to V1 or GND respectively. In the open state, the maximum leakage current to V1 or GND permissible is 10 µA. 5V Threshold Voltage vs Temperature 3.3V Threshold Voltage vs Temperature 2.5V Threshold Voltage vs Temperature TYPICAL PERFOR A CE CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS ITMR(UP) TMR Pull-Up Current (LTC2907) VTMR = 0V q –1.5 –2.1 –2.7 µA ITMR(DOWN) TMR Pull-Down Current (LTC2907) VTMR = 1.4V q 1.5 2.1 2.7 µA tRST Reset Time-Out Period (LTC2906) q 140 200 260 ms tRST Reset Time-Out Period (LTC2907) CTMR = 22nF q 140 200 260 ms tUV VX Undervoltage Detect to VX Less Than Reset Threshold VRTX 150 µs RST or RST by More than 1% VOL Output Voltage Low RST, RST I = 2.5mA q 0.15 0.4 V I = 100 µA; V1 and/or VCC = 1V (RST Only) q 0.05 0.3 V VOH Output Voltage High RST, RST I = –1 µA q VMAX – 1 V (Notes 2, 5) Three-State Inputs S1, TOL VIL Low Level Input Voltage q 0.4 V VIH High Level Input Voltage q 1.4 V VZ Pin Voltage when Left in Hi-Z State I = –10 µA q 0.7 V I = 0 µA 0.9 V I = 10 µA q 1.1 V IVPG Programming Input Current (Note 6) q ±25 µA Specifications are at TA = 25°C unless otherwise noted. TEMPERATURE ( °C) 29067 G01 TEMPERATURE ( °C) TEMPERATURE ( °C) 3.12 3.07 3.02 2.97 2.92 2.87 29067 G02 29067 G03 2.375 2.325 2.275 2.225 2.175 4.75 4.70 4.65 4.60 4.55 4.50 4.45 4.40 4.35 –50 100 25 75 –25 0 50 –50 100 25 75 –25 0 50 –50 100 25 75 –25 0 50 5% 7.5% 10% 5% 7.5% 10% 5% 7.5% 10% |