| データシートサーチシステム |
|
MBRB4045CT データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
MBRB4045CT データシート(HTML) 4 Page - International Rectifier |
|
4 / 8 page ![]() MBR4045CT, MBRB4045CT, MBR4045CT-1 PreBulletin PD-20051 rev. A 09/01 www.irf.com 4 Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current Fig. 6 - Forward Power Loss Characteristics (2) Formula used: T C = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR Average Forward Current - I F(AV) (A) Average Forward Current - I F(AV) (A) Square Wave Pulse Duration - t p (microsec) 80 100 120 140 160 0 5 10 15 20 25 30 DC see note (2) Square Wave (D = 0.50) Rated Vr Applied 0 2 4 6 8 10 12 14 16 18 20 0 5 10 15 20 25 30 35 DC RMS Limit D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 100 1000 10 100 1000 10000 At Any Rated Load Condition And With Rated Vrrm Applied Following Surge |