| データシートサーチシステム |
|
PWR06FPC1A2201 データシート(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PWR06FPC1A2201 データシート(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
|
2 / 14 page ![]() http://www.token.com.tw rfq@token.com.tw Taiwan Factory: +886 2 29810109 China Factory: +86 755 26055363 Page: 1/13 Product Introduction Features : High Power Rating Tolerance from ±0.5% ~ ±5% Improved Working Voltage Ratings Standard Package sizes 0603 ~ 2512 Excellent Pulse Withstanding Performance Applications : Power Supplies, Diagnostic Equipment Industrial Controls, LCD Video Monitors Portable Battery Chargers, Medical Devices Motor Controls and Line-Powered Equipment Metering (Testing/Measurement), Circuit Protection Devices As electronic design engineers have increased the power density of their equipment, the demand for smaller surface mount single-chip circuit protection resistors has also increased. Token developed the PWR Series resistors to provide an economical alternative to bulky molded wire-wound components or multi-chip solutions while saving both PC board space and manufacturing costs. To meet the increased demand for the PWR Series resistors, Token has developed a series of pulse withstanding chip resistors with improved power ratings in reduced surface mounted sizes. Designated the PWR Series, the SMD resistors deliver up to 50 percent higher power ratings than conventional surface mount resistors - up to 1.5W in a standard 2512 size chip. Token is able to boost this power rating up to 50 percent through a combination of proprietary power film materials and advanced manufacturing processes. The PWR Series Resistors are available in four standard sizes (0603, 0805, 1206, 1210, 2010 and 2512) with power ratings from 0.125W to 1.5W, and maximum operating voltage ratings for 100V to 500V. Resistance range is from 10 Ω to 20 MΩ, with tolerance tight to 0.5 percent. The PWR meets restriction of hazardous substances RoHS directive and RoHS compliance. Along with the increased power ratings, the PWR Series resistors also feature high surge and high voltage ratings, making them extremely stable in demanding surge and pulse environments. The PWR Series chip resistors are specified for use in power supplies, circuit protection devices, portable battery chargers, motor controls and line-powered equipment. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales or link to Token official website " Chip Resistors "for more information. Token (PWR) pulse withstanding chip resistors provide 50 percent increase in power dissipation. |