データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P75N02LS データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 P75N02LS
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

P75N02LS データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  P75N02LS Datasheet HTML 1Page - List of Unclassifed Manufacturers P75N02LS Datasheet HTML 2Page - List of Unclassifed Manufacturers P75N02LS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
AUG-02-2001
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P75N02LS
TO-263 (D
2PAK)
NIKO-SEM
TO-263 (D
2PAK) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
1.4
F
-0.102
0.203
M
4.83
5.08
5.33
G
8.5
9
9.5
N



Html Pages

1 2 3