| データシートサーチシステム |
|
RS2ABF データシート(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited |
|
|
|||||||||||||||||||||||||||||
RS2ABF データシート(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited |
|
3 / 4 page ![]() Fast Recovery Rectifier RS2ABF--RS2GBF SBF205AA www.gmesemi.com Rev.B Production specification Ratings and Characteristic Curves (TA=25°C unless otherwise noted) Fig.1-Forward Current Derating Curve Fig.2- Surge Current Derating Curve Fig.3- Typical Forward Voltage Characteristic Fig.4- Typical Reverse Characteristic 0 0.5 1 1.5 2 0 25 50 75 100 125 150 0.1 1 10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 1 10 100 Forward Voltage ,VF(V) Case Temperature( °C) Number of Cycles at 60HZ Reverse Voltage ,VR (%) Tj=75 ℃ Tj=125 ℃ Tj=25 ℃ Tj=75 ℃ Tj=125 ℃ Tj=25 ℃ Tj 100 = ℃ Tj 100 = ℃ |