データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PEWTR1000 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PEWTR1000
部品情報  0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWTR1000 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWTR1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWTR1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWTR1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-28
• 26.5 GHz to 40 GHz
• UG-599/U Square Cover Flange
• 1.02:1 Typical VSWR
• .5 Watt Average Power Handling
Applications
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWTR1000 is a WR-28 waveguide termination / load that operates in the frequency range of 26.5 GHz
to 40 GHz. This WR-28 waveguide termination has a typical VSWR of 1.02:1. These waveguide termina-
tion designs are made of painted brass copper and incorporate a standard UG-599/U Square Cover flanges.
Pasternack waveguide terminations / loads are designed so virtually all applied power is absorbed, thus assuring a low VSWR.
The power rating on this WR-28 termination is .5 watt, other detailed specifications and a diagram drawing can be found on
this datasheet PDF below. Pasternack offers a complete family of waveguide terminations that are in-stock for same day ship-
ment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
VSWR
1.02:1
Input Power (CW)
0.5
Watts
.
Mechanical Specifications
.
Weight
0.071 lbs [32.21 g]
.
Description
Flange
Waveguide
Designation
UG-599/U
WR-28
Type
Square Cover
Material
Brass
Brass
...
Environmental Specifications
.
PEWTR1000 REV 1.0
PEWTR1000
0.5 Watts Low Power Commercial Grade
WR-28 Waveguide Load 26.5 GHz to 40 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1000


同様の部品番号 - PEWTR1000

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PEWTR1001 PASTERNACK-PEWTR1001 Datasheet
368Kb / 3P
1 Watt Low Power Commercial Grade WR-34 Waveguide Load 22 GHz to 33 GHz
PEWTR1002 PASTERNACK-PEWTR1002 Datasheet
369Kb / 3P
1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PEWTR1003 PASTERNACK-PEWTR1003 Datasheet
367Kb / 3P
1 Watt Low Power Commercial Grade WR-51 Waveguide Load 15 GHz to 22 GHz
PEWTR1004 PASTERNACK-PEWTR1004 Datasheet
369Kb / 3P
1.5 Watts Low Power Commercial Grade WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEWTR1005 PASTERNACK-PEWTR1005 Datasheet
365Kb / 3P
2.5 Watts Low Power Commercial Grade WR-75 Waveguide Load 10 GHz to 15 GHz
More results

同様の説明 - PEWTR1000

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE6809 PASTERNACK-PE6809 Datasheet
240Kb / 2P
0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6809 PASTERNACK-PE6809_16 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6818 PASTERNACK-PE6818_16 Datasheet
765Kb / 3P
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1002 PASTERNACK-PEWTR1002 Datasheet
369Kb / 3P
1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W28TR1001 PASTERNACK-PE-W28TR1001 Datasheet
397Kb / 3P
5 Watts Instrumentation Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com