| データシートサーチシステム |
|
NPIS104F680MTRF データシート(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
NPIS104F680MTRF データシート(HTML) 2 Page - Diodes Incorporated |
|
2 / 8 page ![]() AL8807EV3 Issue 1 – December 2011 www.diodes.com © Diodes Incorporated 2011 2 AL8807EV3 Connection Point Definition Name Description Vin Positive supply voltage. 6 to 36V GND Supply Ground (0V). CTRL Internal voltage ref. pin (2.5V). This pin can be used to achieve dimming and for switching the output current off. Leave floating for normal operation. LED A LED A connects to the external LED anode LED K LED K connects to the external LED cathode AL8807 DEVICE DESCRIPTION The AL8807 is a continuous mode inductive driver in a SOT25 package, for driving one or more series-connected LEDs efficiently from a voltage source higher than the LED voltage. The device includes the output switch and a current sense circuit, which requires an external sense resistor to set the nominal current up to 1A. AL8807 DEVICE FEATURES • Drives one or more series-connected LEDs • LEDs up to 1A. • Internal 40V switch. • Wide input voltage: 6V to 36V. • Inherent open circuit LED protection. • Brightness control using DC or PWM. DEVICE APPLICATIONS • LED flashlights. • High Power LED driving. • Low-voltage halogen replacement LEDs. • Automotive lighting. • Illuminated signs. AL8807 Device Packages, Pin and Definitions 1 2 3 4 5 6 7 8 GND CTRL GND N.C. SET VIN SW SW Top View SOT25 package MSOP8EP package AL8807 Device Pin Definition Name Pin No Description SW 1 Drain of NDMOS switch. GND 2 Ground (0V). CTRL 3 Internal voltage ref. pin (2.5V) : • Leave floating for normal operation. • Connect to GND to turn off output current. • Drive with DC voltage (0.4V to 2.5V) or with PWM (up to 5V logic level) signal to adjust output current SET 4 Connect a sense resistor, R1, from the SET pin to VIN to sense the nominal output current. Nominal Iout = 0.1/ R1 VIN 5 Input voltage: 6V to 36V. Decouple to ground with a 2.2uF or higher ceramic capacitor. |