| データシートサーチシステム |
|
TLE2021ACP データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2021ACP データシート(HTML) 13 Page - Texas Instruments |
|
13 / 79 page ![]() TLE2024 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2024C TLE2024AC TLE2024BC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 1100 850 600 µV VIO Input offset voltage Full range 1300 1050 800 µV αVIO Temperature coefficient of input offset voltage Full range 2 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.005 0.005 0.005 µV/mo IIO Input offset current 25 °C 0.6 6 0.5 6 0.4 6 nA IIO Input offset current Full range 10 10 10 nA IIB Input bias current 25 °C 45 70 40 70 35 70 nA IIB Input bias current Full range 90 90 90 nA VICR Common-mode input voltage RS =50 Ω 25 °C 0 to 3.5 – 0.3 to 4 0 to 3.5 – 0.3 to 4 0 to 3.5 – 0.3 to 4 V VICR g range RS = 50 Ω Full range 0 to 3.5 0 to 3.5 0 to 3.5 V VOH High level output voltage 25 °C 3.9 4.2 3.9 4.2 4 4.3 V VOH High-level output voltage RL =10kΩ Full range 3.7 3.7 3.8 V VOL Low level output voltage RL = 10 kΩ 25 °C 0.7 0.8 0.7 0.8 0.7 0.8 V VOL Low-level output voltage Full range 0.95 0.95 0.95 V AVD Large-signal differential VO =1 4Vto4V RL =10kΩ 25 °C 0.2 1.5 0.3 1.5 0.4 1.5 V/ µV AVD gg voltage amplification VO = 1.4 V to 4 V, RL = 10 kΩ Full range 0.1 0.1 0.1 V/ µV CMRR Common mode rejection ratio VIC =VICRmin RS =50 Ω 25 °C 80 90 82 92 85 95 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 82 85 dB kSVR Supply-voltage rejection ratio VCC =5Vto30V 25 °C 98 112 100 115 103 117 dB kSVR yg j ( ∆VCC/∆VIO) VCC = 5 V to 30 V Full range 93 95 98 dB ICC Supply current 25 °C 800 1200 800 1200 800 1200 µA ICC Supply current VO =2 5V No load Full range 1200 1200 1200 µA ∆ICC Supply current change over operating temperature range VO = 2.5 V, No load Full range 15 15 15 µA † Full range is 0 °C to 70°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |