データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74V1G79 データシート(PDF) 7 Page - STMicroelectronics

部品番号 74V1G79
部品情報  SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G79 データシート(HTML) 7 Page - STMicroelectronics

Back Button 74V1G79 Datasheet HTML 2Page - STMicroelectronics 74V1G79 Datasheet HTML 3Page - STMicroelectronics 74V1G79 Datasheet HTML 4Page - STMicroelectronics 74V1G79 Datasheet HTML 5Page - STMicroelectronics 74V1G79 Datasheet HTML 6Page - STMicroelectronics 74V1G79 Datasheet HTML 7Page - STMicroelectronics 74V1G79 Datasheet HTML 8Page - STMicroelectronics 74V1G79 Datasheet HTML 9Page - STMicroelectronics 74V1G79 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74V1G79
7/10
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
39.4
b
0.15
0.30
5.9
11.8
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e0.65
25.6
e1
1.3
51.2
L
0.10
0.30
3.9
11.8
SOT323-5L MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10