データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3C3349 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE3C3349
部品情報  BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3349 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3349 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3349 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Male
• Cable Type: RG179
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
400
MHz
VSWR
1.4:1
Velocity of Propagation
70
%
Capacitance
19.4 [63.65]
pF/ft [pF/m]
Operating Voltage (AC)
335
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
0.08
0.09
0.14
0.2
0.3
dB/ft
0.26
0.3
0.46
0.66
0.98
dB/m
dB/m
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG179
Impedance
75 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax PE3C3349
PE3C3349 REV 1.0
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3349


同様の部品番号 - PE3C3349

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C3349-12 PASTERNACK-PE3C3349-12 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-24 PASTERNACK-PE3C3349-24 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-36 PASTERNACK-PE3C3349-36 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-48 PASTERNACK-PE3C3349-48 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 48 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-60 PASTERNACK-PE3C3349-60 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 60 Inch Length Using 75 Ohm RG179 Coax
More results

同様の説明 - PE3C3349

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE3C3321 PASTERNACK-PE3C3321 Datasheet
365Kb / 4P
SMA Male to BNC Male Cable Using 75 Ohm RG179 Coax
PE3C3349-12 PASTERNACK-PE3C3349-12 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 12 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-24 PASTERNACK-PE3C3349-24 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 24 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-36 PASTERNACK-PE3C3349-36 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 36 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-48 PASTERNACK-PE3C3349-48 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 48 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-60 PASTERNACK-PE3C3349-60 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 60 Inch Length Using 75 Ohm RG179 Coax
PE3C3349-72 PASTERNACK-PE3C3349-72 Datasheet
373Kb / 4P
BNC Male to BNC Male Cable 72 Inch Length Using 75 Ohm RG179 Coax
PE3C3349LF PASTERNACK-PE3C3349LF Datasheet
378Kb / 4P
BNC Male to BNC Male Cable Using 75 Ohm RG179 Coax, LF Solder, RoHS
PE3C3394 PASTERNACK-PE3C3394 Datasheet
366Kb / 4P
50 Ohm BNC Male to 75 Ohm SMC Plug Cable Using 75 Ohm RG179 Coax
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com