| データシートサーチシステム |
|
L6227 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6227 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 22 page ![]() 11/22 L6227 be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the on time tON can not be smaller than the minimum on time tON(MIN). tRCRISE = 600 · COFF Figure 10 shows the lower limit for the on time tON for having a good PWM current regulation capacity. It has to be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case the device continues to work but the off time tOFF is not more constant. So, small COFF value gives more flexibility for the applications (allows smaller on time and, therefore, higher switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit performance. Figure 9. tOFF versus COFF and ROFF t ON t ON MIN () >2.5 µs (typ. value) = t ON t RCRISE t DT – > 0.1 1 10 100 1 10 100 1 .10 3 1 .10 4 Coff [nF] Roff = 100kΩ Roff = 47kΩ Roff = 20kΩ |