データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3578AM データシート(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM3578AM
部品情報  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AM データシート(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3578AM Datasheet HTML 12Page - National Semiconductor (TI) LM3578AM Datasheet HTML 13Page - National Semiconductor (TI) LM3578AM Datasheet HTML 14Page - National Semiconductor (TI) LM3578AM Datasheet HTML 15Page - National Semiconductor (TI) LM3578AM Datasheet HTML 16Page - National Semiconductor (TI) LM3578AM Datasheet HTML 17Page - National Semiconductor (TI) LM3578AM Datasheet HTML 18Page - National Semiconductor (TI) LM3578AM Datasheet HTML 19Page - National Semiconductor (TI) LM3578AM Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Typical Applications (Continued)
A minimum value for an ideal output capacitor C3, could be
calculated asC=I
o xt/
∆V where I
o is the load current, t is
the transistor on time (typically 0.4/f
osc), and
∆V is the peak-
to-peak output voltage ripple. A larger output capacitor than
this theoretical value should be used since electrolytics have
poor high frequency performance. Experience has shown
that a value from 5 to 10 times the calculated value should
be used.
For good efficiency, the diodes must have a low forward
voltage drop and be fast switching. 1N5819 Schottky diodes
work well.
Transformer selection should be picked for an output tran-
sistor “on” time of 0.4/f
osc, and a primary inductance high
enough to prevent the output transistor switch from ramping
higher than the transistor’s rating of 750 mA. Pulse Engi-
neering (San Diego, Calif.) and Renco Electronics, Inc.
(Deer Park, N.Y.) can provide further assistance in selecting
the proper transformer for a specific application need. The
transformer used in Figure 23 was a Pulse Engineering
PE-64287.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20