データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFH7771 データシート(PDF) 5 Page - OSRAM GmbH

部品番号 SFH7771
部品情報  Ambient Light and Proximity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7771 データシート(HTML) 5 Page - OSRAM GmbH

  SFH7771 Datasheet HTML 1Page - OSRAM GmbH SFH7771 Datasheet HTML 2Page - OSRAM GmbH SFH7771 Datasheet HTML 3Page - OSRAM GmbH SFH7771 Datasheet HTML 4Page - OSRAM GmbH SFH7771 Datasheet HTML 5Page - OSRAM GmbH SFH7771 Datasheet HTML 6Page - OSRAM GmbH SFH7771 Datasheet HTML 7Page - OSRAM GmbH SFH7771 Datasheet HTML 8Page - OSRAM GmbH SFH7771 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Version 1.1
SFH 7771
22.04.2016
5
Measurement modes
If V
DD exceeds the threshold voltage, the sensor will switch from OFF mode to STAND-BY mode. As
shown in the transition-diagram above it is possible to switch between all modes without any restriction.
Mode
Description
OFF
The device is inactive. Other units may use the I²C bus without any restrictions; I/O
pins and INT are in high Z state. There is no sink current through the LED
STAND-BY
This is the initial mode after power-up. I
DD is typ. 0.8µA. No measurement is
performed. Device can be activated by I²C bus communication. Data registers can
be read and written.
ALS / PS
free running
Measurements are triggered internally by the SFH 7771. Stand-by / active mode for
ALS and PS, measurement times, interrupt options and LED current can be
adjusted via I²C register. Measurement results can be read from the data register,
the status from the interrupt register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30