データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB9B520M データシート(PDF) 13 Page - Cypress Semiconductor

部品番号 MB9B520M
部品情報  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M データシート(HTML) 13 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 9Page - Cypress Semiconductor MB9B520M Datasheet HTML 10Page - Cypress Semiconductor MB9B520M Datasheet HTML 11Page - Cypress Semiconductor MB9B520M Datasheet HTML 12Page - Cypress Semiconductor MB9B520M Datasheet HTML 13Page - Cypress Semiconductor MB9B520M Datasheet HTML 14Page - Cypress Semiconductor MB9B520M Datasheet HTML 15Page - Cypress Semiconductor MB9B520M Datasheet HTML 16Page - Cypress Semiconductor MB9B520M Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 13 of 108
MB9B520M Series
VNA048
(TOP VIEW)
Note:
−
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these
pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register
(EPFR) to select the pin.
VCC
1
36
P21/AN14/SIN0_0/INT06_1/WKUP2
P50/AN22/INT00_0/AIN0_2/SIN3_1
2
35
P22/AN13/SOT0_0/TIOB7_1
P51/AN23/INT01_0/BIN0_2/SOT3_1
3
34
P23/AN12/SCK0_0/TIOA7_1
P52/AN24/INT02_0/ZIN0_2/SCK3_1
4
33
AVRL
P39/DTTI0X_0/INT06_0/ADTG_2
5
32
AVRH
P3A/RTO00_0/TIOA0_1/INT07_0/SUBOUT_2/RTCCO_2
6
31
AVCC
P3B/RTO01_0/TIOA1_1
7
30
P15/AN05/SOT0_1/INT14_0/IC03_2
P3C/RTO02_0/TIOA2_1/INT18_2
8
29
P14/AN04/SIN0_1/INT03_1/IC02_2
P3D/RTO03_0/TIOA3_1
9
28
AVSS
P3E/RTO04_0/TIOA4_1/INT19_2
10
27
P12/AN02/SOT1_1/TX1_2/IC00_2
P3F/RTO05_0/TIOA5_1
11
26
P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/WKUP1
VSS
12
25
P10/AN00
QFN - 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More