| データシートサーチシステム |
|
MB9BF412RPMC-G-JNE2 データシート(PDF) 11 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9BF412RPMC-G-JNE2 データシート(HTML) 11 Page - Cypress Semiconductor |
|
11 / 112 page ![]() Document Number: 002-05615 Rev. *D Page 11 of 112 MB9B410R Series PQH100 Note: − The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. (Top View) P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/MADATA01_0 81 50 P22/SOT0_0/TIOB7_1/ZIN1_1 P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/MADATA02_0 82 49 P23/SCK0_0/TIOA7_1 P53/SIN6_0/TIOA1_2/INT07_2/RTO13_0/MADATA03_0 83 48 P1F/AN15/ADTG_5/FRCK0_1/MAD23_0 P54/SOT6_0/TIOB1_2/RTO14_0/MADATA04_0 84 47 P1E/AN14/RTS4_1/DTTI0X_1/MAD22_0 P55/SCK6_0/ADTG_1/RTO15_0/MADATA05_0 85 46 P1D/AN13/CTS4_1/IC03_1/MAD21_0 P56/INT08_2/DTTI1X_0/MADATA06_0 86 45 P1C/AN12/SCK4_1/IC02_1/MAD20_0 P30/AIN0_0/TIOB0_1/INT03_2/MADATA07_0 87 44 P1B/AN11/SOT4_1/IC01_1/MAD19_0 P31/BIN0_0/TIOB1_1/SCK6_1/INT04_2/MADATA08_0 88 43 P1A/AN10/SIN4_1/INT05_1/IC00_1/MAD18_0 P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2/MADATA09_0 89 42 P19/AN09/SCK2_2/MAD17_0 P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6/MADATA10_0 90 41 P18/AN08/SOT2_2/MAD16_0 P34/FRCK0_0/TIOB4_1/TX0_1/MADATA11_0 91 40 AVSS P35/IC03_0/TIOB5_1/RX0_1/INT08_1/MADATA12_0 92 39 AVRH P36/IC02_0/SIN5_2/INT09_1/MADATA13_0 93 38 AVCC P37/IC01_0/SOT5_2/INT10_1/MADATA14_0 94 37 P17/AN07/SIN2_2/INT04_1/MAD15_0 P38/IC00_0/SCK5_2/INT11_1/MADATA15_0 95 36 P16/AN06/SCK0_1/MAD14_0 P39/DTTI0X_0/ADTG_2 96 35 P15/AN05/SOT0_1/IC03_2/MAD13_0 P3A/RTO00_0/TIOA0_1/RTCCO_2/SUBOUT_2 97 34 P14/AN04/SIN0_1/INT03_1/IC02_2/MAD12_0 P3B/RTO01_0/TIOA1_1 98 33 P13/AN03/SCK1_1/RTCCO_1/SUBOUT_1/IC01_2/MAD11_0 P3C/RTO02_0/TIOA2_1 99 32 P12/AN02/SOT1_1/TX1_2/IC00_2/MAD10_0 P3D/RTO03_0/TIOA3_1 100 31 P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/MAD09_0 QFP - 100 |