| データシートサーチシステム |
|
CS7615 データシート(PDF) 33 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7615 データシート(HTML) 33 Page - Cirrus Logic |
|
33 / 36 page ![]() CS7615 DS231PP6 33 CLKO - Mosaic Output Data Clock, PIN 4. Main system output clock, used to strobe outgoing digital CCD mosaic data. Data transitions on the falling edge. CLK2XO - Mosaic Output Data Interpolation Clock, PIN 39. Mosaic output data interpolation clock. 2X the CLKO frequency in normal mode (non- interpolated output data... see INTERP description), and 2.5× the CLKO frequency when a 4:5 horizontal data rate scaler is used in the color processor. I 2C Serial Control SDA - Primary I 2C Data Bus, PIN 8. Primary I2C data bus. Used with SCL to read and write the internal register set. SCL - Primary I 2C Clock, PIN 9. Primary I 2C Clock. Used with SDA to read and write the internal register set. Pin Name Pin Function Pin Number DO0(LSB) Digital Mosaic Output (LSB) 35 DO1 Digital Mosaic Output 36 DO2 Digital Mosaic Output 37 DO3 Digital Mosaic Output 38 DO4 Digital Mosaic Output 42 DO5 Digital Mosaic Output 43 DO6 Digital Mosaic Output 44 DO7 Digital Mosaic Output 1 DO8 Digital Mosaic Output 2 DO9(MSB) Digital Mosaic Output (MSB) 3 Table 6. Digital Mosaic Outputs. |