| データシートサーチシステム |
|
MB91F522DKBPMC データシート(PDF) 30 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F522DKBPMC データシート(HTML) 30 Page - Cypress Semiconductor |
|
30 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 30 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 - - - 83 99 119 P113 - B General-purpose I/O port AN25 - ADC analog 25 input PPG17_0 - PPG ch.17 output (0) RTO1_0 - Waveform generator ch. 1 output pin (0) - - - - - 120 P194 - A General-purpose I/O port FRCK5_1 - Free-run timer 5 clock input (1) PPG26_1 - PPG ch.26 output (1) - - - - - 121 P195 - A General-purpose I/O port FRCK4_1 - Free-run timer 4 clock input (1) PPG27_1 - PPG ch.27 output (1) - 56 70 84 100 122 P114 - B General-purpose I/O port SCS61_0 - Serial chip select 61 output (0) AN26 - ADC analog 26 input PPG18_0 - PPG ch.18 output (0) RTO2_0 - Waveform generator ch.2 output pin (0) 46 57 71 85 101 123 P115 - G General-purpose I/O port RX1_1 - CAN reception data 1 input (1) SOT6_0/ SDA6 - Multi-function serial ch.6 serial data output (0)/I2C bus serial data I/O AN27 - ADC analog 27 input PPG19_0 - PPG ch.19 output (0) RTO3_0 - Waveform generator ch.3 output pin (0) INT1_1 - INT1 External interrupt input (1) 47 58 72 86 102 124 P116 - G General-purpose I/O port SCK6_0/ SCL6 - Multi-function serial ch.6 clock I/O (0)/ I2C bus serial clock I/O AN28 - ADC analog 28 input PPG20_0 - PPG ch.20 output (0) RTO4_0 - Waveform generator ch.4 output pin (0) - - 73 87 103 125 P117 - B General-purpose I/O port SCS60_0 - Serial chip select 60 I/O (0) AN29 - ADC analog 29 input PPG21_0 - PPG ch.21 output (0) RTO5_0 - Waveform generator ch.5 output pin (0) - - - - - 126 P196 - A General-purpose I/O port FRCK3_1 - Free-run timer 3 clock input (1) PPG28_1 - PPG ch.28 output (1) - - - 88 104 127 P120 - B General-purpose I/O port AN30 - ADC analog 30 input OCU6_0 - Output compare ch.6 output (0) PPG22_0 - PPG ch.22 output (0) INT9_0 - INT9 External interrupt input (0) |