| データシートサーチシステム |
|
M95080-BN3 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-BN3 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 40 page ![]() 19/40 M95160, M95080 Figure 13. Page Write (WRITE) Sequence Note: Depending on the memory size, as shown in Table 7., the most significant address bits are Don’t Care. C D AI01796D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3456789 10 20 21 22 23 24 25 26 27 14 13 3210 28 29 30 Instruction 16-Bit Address 0 765432 0 1 Data Byte 1 31 43 765432 0 1 Data Byte 2 765432 0 1 Data Byte 3 65432 0 1 Data Byte N |