| データシートサーチシステム |
|
MB91F525LSDPMC データシート(PDF) 33 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LSDPMC データシート(HTML) 33 Page - Cypress Semiconductor |
|
33 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 33 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 61 *1 77 *1 97 *1 115 *1 136 *1 165 *1 P005 - F General-purpose I/O port D21 *2, *3, *4, *5 - External bus data bit21 I/O (0) SCK2_0 *2 - Multi-function serial ch.2 clock I/O (0) ADTG0_1 - A/D converter external trigger input 0 (1) INT7_1 - INT7 External interrupt input (1) RX2(64) *4, *5, *6, *7 - CAN reception data 2 input - - - - - 166 P165 - A General-purpose I/O port PPG33_1 - PPG ch.33 output (1) 62 *1 78 *1 98 *1 116 *1 137 *1 167 *1 P006 - A General-purpose I/O port D22 *2, *3, *4, *5 - External bus data bit22 I/O (0) SCS2_0 *2 - Serial chip select 2 I/O (0) ADTG1_1 - A/D converter external trigger input 1 (1) INT2_1 - INT2 External interrupt input (1) TX2(64) *4, *5, *6, *7 - CAN transmission data 2 output - - - 117 *1 138 168 P007 - A General-purpose I/O port D23 *5 - External bus data bit23 I/O - - - - - 169 P166 - A General-purpose I/O port PPG34_1 - PPG ch.34 output (1) - - - 118 *1 139 170 P010 - A General-purpose I/O port D24 *5 - External bus data bit24 I/O 63 *1 79 *1 99 *1 119 *1 140 171 P011 - A General-purpose I/O port WOT - RTC output signal D25 *2, *3, *4, *5 - External bus data bit25 I/O SOT2_1 *2 - Multi-function serial ch.2 serial data output (1) TIOA0_0 *2, *3, *4 - TIOA output of Base timer ch.0 (0) INT3_1 - INT3 External interrupt input (1) - - - - 141 172 P012 - A General-purpose I/O port D26 - External bus data bit26 I/O TIOB0_0 - TIOB input of Base timer ch.0 (0) - - - - - 173 P167 - A General-purpose I/O port PPG35_1 - PPG ch.35 output (1) - - - - 142 174 P013 - A General-purpose I/O port D27 - External bus data bit27 I/O TIOA1_0 - TIOA I/O of Base timer ch.1 (0) - - - - 143 175 P014 - A General-purpose I/O port D28 - External bus data bit28 I/O TIOB1_0 - TIOB input of Base timer ch.1 (0) 18 23 28 34 40 50 AVCC1 - - Analog power supply for AD/DA convertor unit1 39 47 58 68 84 103 AVCC0 - - Analog power supply for AD/DA convertor unit0 |