| データシートサーチシステム |
|
AC101L-DS06-R データシート(PDF) 22 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
AC101L-DS06-R データシート(HTML) 22 Page - Broadcom Corporation. |
|
22 / 54 page ![]() AC101L Preliminary Data Sheet 8/9/04 B roa dcom Co rpo rat ion Page 12 LED Operation Document AC101L-DS06-R The default LED modes are as shown below: LED CONFIGURATION The LEDs are fully configurable to other operational modes. Each LED has two 16-bit registers to define its operation. See “Common Registers” on page 22 and Table 3 below to configure the LEDs to work with operational modes other than default mode. LED [3:0] EVENT TABLE LED [3:0] are configurable. The following events are defined for AC101L operation : LED0 LED1 LED2 LED3 Link/Activity Speed Duplex Collision Table 3: LED [3:0] Event Table Bit# Description 7Duplex 6Collision 5 Speed 100 4 Speed 10 3 Transmit activity 2 Transmit/Receive activity 1 Receive activity 0Link |