データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5220-DS01-R データシート(PDF) 42 Page - Broadcom Corporation.

部品番号 5220-DS01-R
部品情報  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5220-DS01-R データシート(HTML) 42 Page - Broadcom Corporation.

Back Button 5220-DS01-R Datasheet HTML 38Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 39Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 40Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 41Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 42Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 43Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 44Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 45Page - Broadcom Corporation. 5220-DS01-R Datasheet HTML 46Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 30
MII Status Register
Document
5220-DS04-405-R
Advertisement Bits
Use bits 9:5 of the Advertisement register to customize the ability information transmitted to the link partner. The default
value for each bit reflects the abilities of the BCM5220. By writing a 1 to any of the bits, the corresponding ability can be
transmitted to the link partner. Writing a 0 to any bit causes the corresponding ability to be suppressed from transmission.
Resetting the chip restores the default bit values. Reading the register returns the values last written to the corresponding
bits, or else the default values if no write has been completed since the last chip reset.
Selector Field
Bits 4:0 of the Advertisement register contain the value 00001, indicating that the chip belongs to the 802.3 class of PHY
transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90