| データシートサーチシステム |
|
5228-DS06-R データシート(PDF) 2 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS06-R データシート(HTML) 2 Page - Broadcom Corporation. |
|
2 / 100 page ![]() BCM5228 Data Sheet 7/12/04 Broa d c om Co rp o r a t i o n Page ii Document 5228-DS09-405-R REVISION HISTORY Revision Date Change Description 5228-DS09-405-R 07/12/04 Resized the “BGA Pinout (Top View)” figure to improve readability. 5228-DS08-R 06/02/03 • Added 2.5V I/O-OVDD option under “Features” on the cover. • Added ”HP Auto-MDIX.” • Added SLED_CLK frequency to ”Serial LED Mode.” • Added description to bit 4, Activity LED, in Table 37, ”Auxiliary Mode Register (Address 29d, 1Dh).” 5228-DS07-R 09/09/02 • Added PLL VDD pin definition table and figures. • Included details on Isolate mode, super Isolate mode, and Auto Power-Down mode. • Included bit 15 (FDX LED enable) changes to serial LED mode. • Included Jumbo Packet mode bits and descriptions. • Show correct default value for shadow register 1Ah. 5228-DS06-R 03/07/02 Updated the following: • “MII Register Map Summary” table. • “Clock and Reset Timing” figure. • “Packaging Thermal Characteristics” section. • “Ordering Information” section. 5228-DS05-R 10/24/01 • Added ordering information; added minor table information updates. 5228-DS04-R 03/15/01 • Added the following to “Features” on the cover: - Option-source synchronous SMII (S3MII) -HP Auto-MDIX - Cable Length Indication - Cable Noise Level Indication • Following Table 32, deleted from Interrupt Enable description: “Bits 14 and 15 of this register are mutually exclusive. Only one may be set at a time.” • In Table 49, inserted TYP values for parameters TD± after TXEN Assert and TXD to TD± Steady State Delay. • In Table 50, added TYP values for parameter CRS_DV Assert after RD±, CRS_DV Deassert after RD±; and CRS_DV Deassert after RD±, Valid EOP. Deleted last row (parameter RD± to CRS_DV Steady State Delay). • In Table 57, added TYP and MAX values for Total Supply Current for AVDD, DVDD and OVDD pins. • Added Section 10: “Packaging Thermal Characteristics.” • Corrected specification of register 19h, bit 0 from jabber detect to full-duplex indication. |