データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5228-DS04-R データシート(PDF) 29 Page - Broadcom Corporation.

部品番号 5228-DS04-R
部品情報  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R データシート(HTML) 29 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 28Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 29Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 30Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 31Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 32Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Hardware Signal Definition Table
Page 17
D06
E03
F14
G13
H03
K03
L13
M14
N08
13
16
39
121
122
143
144
13
16
39
67
121
122
143
144
184
OVDD
3.3V, Digital Periphery (Output Buffer) VDD
D13
F06
F07
H11
H14
J04
L06
L07
N16
38
60
112
131
134
153
200
38
58
76
112
131
134
153
193
202
OGND
Digital Periphery (Output Buffer) GND
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100