データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTI250V データシート(PDF) 1 Page - Schurter Inc.

部品番号 DTI250V
部品情報  Fuse DTI 250V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DTI250V データシート(HTML) 1 Page - Schurter Inc.

  DTI250V Datasheet HTML 1Page - Schurter Inc. DTI250V Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Heavy current
DTI 250V
https://www.schurter.com /PG13_14_15
other products
Fuse DTI 250V
See below:
Approvals and Compliances
Description
- Operation full range cable defensive fuses
- Over-load and short-circuit protection
- Colored characteristic detector in the middle
- Characteristic gG
- According to SEV 1010
Technical Data
Rated Current In
2- 16 A
Rated Voltage
250 VAC
Breaking Capacity
10 kA
Rated Power Operating Fre-
quency fe
50 Hz
Basic Design
Insulator
Ceramic
Metal components
Brass
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


同様の部品番号 - DTI250V

メーカー部品番号データシート部品情報
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V Datasheet
210Kb / 2P
Fuse DTI 250V
04.01.2022
DTI250V SCHURTER-DTI250V_V01 Datasheet
210Kb / 2P
Fuse DTI 250V
04.01.2022
More results

同様の説明 - DTI250V

メーカー部品番号データシート部品情報
logo
Littelfuse
04200001UR LITTELFUSE-04200001UR Datasheet
706Kb / 1P
PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200002UR LITTELFUSE-04200002UR Datasheet
706Kb / 1P
PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200003UR LITTELFUSE-04200003UR Datasheet
706Kb / 1P
PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200004UR LITTELFUSE-04200004UR Datasheet
706Kb / 1P
PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
462 LITTELFUSE-462 Datasheet
763Kb / 3P
250V/350V VAC/VDC Time Lag Fuse
logo
PHOENIX CONTACT
3034905 PHOENIX-3034905 Datasheet
36Kb / 1P
DTI 6
logo
HuaXinAn Electronics CO...
JK250020U HUAXINAN-JK250020U_V01 Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
JK250-020U HUAXINAN-JK250-020U Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V_V01 Datasheet
210Kb / 2P
Fuse DTI 250V
04.01.2022
logo
PHOENIX CONTACT
1212685 PHOENIX-1212685 Datasheet
55Kb / 3P
Replacement fuse - FUSE SB 2.0A/250V
12/24/2021
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com