| データシートサーチシステム |
|
CY7C1069GE データシート(PDF) 14 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY7C1069GE データシート(HTML) 14 Page - Cypress Semiconductor |
|
14 / 20 page ![]() Document Number: 001-81539 Rev. *J Page 14 of 20 CY7C1069G CY7C1069GE Truth Table – CY7C1069G/CY7C1069GE CE1 CE2 OE WE I/O0–I/O7 Mode Power HX [35] X [35] X [35] High Z Power-down Standby (ISB) X [35] LX [35] X [35] High Z Power-down Standby (ISB) L H L H Data out Read all bits Active (ICC) LH X [35] L Data in Write all bits Active (ICC) L H H H High Z Selected, outputs disabled Active (ICC) ERR Output – CY7C1069GE Output [36] Mode 0 Read Operation, no single bit error in the stored data. 1 Read Operation, single bit error detected and corrected. High Z Device deselected or Outputs disabled or Write Operation Note 35. The input voltage levels on these pins should be either at VIH or VIL. 36. ERR is an Output pin.If not used, this pin should be left floating. |