| データシートサーチシステム |
|
28F032B3 データシート(PDF) 46 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F032B3 データシート(HTML) 46 Page - Intel Corporation |
|
46 / 48 page ![]() SMART 3 ADVANCED BOOT BLOCK E 46 PRELIMINARY Start Write B0H Read Status Register No Comments Data = B0H Addr = X Data = FFH Addr = X SR.7 = SR.2 = 1 Write FFH Read Array Data Program Completed Done Reading Yes Write FFH Write D0H Program Resumed Read Array Data 0 1 Read array data from block other than the one being programmed. Status Register Data Toggle CE# or OE# to Update Status Register Data Addr = X Check SR.7 1 = WSM Ready 0 = WSM Busy Check SR.2 1 = Program Suspended 0 = Program Completed Data = D0H Addr = X Bus Operation Write Write Read Read Standby Standby Write Command Program Suspend Read Array Program Resume 0 Write 70H Status Register Data Toggle CE# or OE# to Update Status Register Data Addr = X Write Write Write Read Read Standby Standby Write Data=70H Addr=X Command Program Suspend Read Array Program Resume Program Suspend Read Status Read Array Program Resume 0580_E2 Figure 11. Program Suspend/Resume Flowchart |