データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS115 データシート(PDF) 3 Page - Lumileds Lighting Company

部品番号 CS115
部品情報  The Times Square Ball
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS115 データシート(HTML) 3 Page - Lumileds Lighting Company

  CS115 Datasheet HTML 1Page - Lumileds Lighting Company CS115 Datasheet HTML 2Page - Lumileds Lighting Company CS115 Datasheet HTML 3Page - Lumileds Lighting Company CS115 Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CS115 The Times Square Ball Case Study 20150330 ©2015 Lumileds Holding B.V. All rights reserved.
3
groups of four LUXEON K2 LEDs in red, green, blue, and white
(RGBW). Each small triangle is fully isolated from its neighbors
by reflective separation panels that prevent bleeding of light
between triangles, allowing complete control of light color and
patterns in the Ball.
The large triangles are flanked by “wings”—linear strips of
white LUXEON Rebel LEDs that, when the large triangles
are joined, turn into bold, light or dark outlines, or can be
programmed to sparkle or “race”. In fact, each of the 9,576
LUXEON LEDs is individually addressed and controlled, with
the result that the Ball can produce billions of different lighting
effects.
The LUXEON lighting design created an opportunity for an
equally creative optical design. Waterford’s unique, triangular
lens crystal is “double cut” (cut on both sides) and “finely cut”,
with small facets spaced closely together. The detailed design
and careful arrangement of the crystal and the Luxeon LEDs
gives the crystals the ability to maximize both color blending
and light refraction. The new Times Square Ball is truly a jewel
in the sky.
“What is most striking to me is
how beautifully the tiny LEDs refracted
through the Waterford crystals. They just
sparkle and dance in a whole new way!
The older incandes- cent technology
created a big, uniform light surface, but
could not create the life and brilliance we
have achieved with the LUXEON LEDs.”
– Jeffrey Straus President of
Countdown Entertainment
Results
“What is most striking to me is how beautifully the tiny LEDs
refract through the Waterford crystals,’ says Jeff Straus.
“They just sparkle and dance in a whole new way! The older
incandescent technology created a big, uniform light surface,
but could not create the life and brilliance we have achieved
with the LUXEON LEDs.”
The sustainability of high-power Luxeon LEDs is an important
message for the 21st Century. The new ball can provide more
light using less power than its predecessor, without the use of
toxic substances such as lead or mercury. The light given off
by the 40W color incandescent bulbs in the older Ball can now
be created using just 1-2 watts in the new Ball. This, too, looks
forward to a future in which technology is used to create a
more sustainable society.
“Times Square has always been an arena where the latest
and greatest cutting-edge technology is unveiled and show-
cased. It’s also a neighborhood that’s rich in tradition—from
Broadway to Tin Pan Alley to Restaurant Row,” said Tim
Tompkins, President of the Times Square Alliance, “the
re-invented New Year’s Eve Ball reflects the spirit of Times
Square. It’s that same spirit of renewal and new beginnings
that brings people here from across the globe, in person or
in spirit while watching from home, on New Year’s Eve every
year.”
Waterford Crystal created an exclusive “Let There Be Light”
design for the crystal triangles on the new Ball. Designed and
crafted by Waterford artisans in Ireland, “Let There Be Light”
features a dramatically stylized, radiating sunburst on each of
the 672 crystal triangles. Due to the new design and technical
innovations, this represents an increase of 168 crystal trian-
gles from last year’s Ball. And, for the first time, the crystal
triangles will feature cutting on both sides. The double cutting
maximizes the light refraction within the crystal triangles.
“Waterford Crystal is once again extremely proud to join our
Times Square part- ners, Countdown Entertainment and the
Times Square Alliance, as an integral part one of the world’s



Html Pages

1 2 3 4