データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLV6B-FKB データシート(PDF) 8 Page - Cree, Inc

部品番号 CLV6B-FKB
部品情報  PLCC6 3-in-1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CLV6B-FKB データシート(HTML) 8 Page - Cree, Inc

Back Button CLV6B-FKB Datasheet HTML 3Page - Cree, Inc CLV6B-FKB Datasheet HTML 4Page - Cree, Inc CLV6B-FKB Datasheet HTML 5Page - Cree, Inc CLV6B-FKB Datasheet HTML 6Page - Cree, Inc CLV6B-FKB Datasheet HTML 7Page - Cree, Inc CLV6B-FKB Datasheet HTML 8Page - Cree, Inc CLV6B-FKB Datasheet HTML 9Page - Cree, Inc CLV6B-FKB Datasheet HTML 10Page - Cree, Inc CLV6B-FKB Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree PLCC6 3 in 1 SMD LED
CLV6B-FKB
KIT NUMBER SYSTEM
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and
brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED Lamp
Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:



Html Pages

1 2 3 4 5 6 7 8 9 10 11