| データシートサーチシステム |
|
DS1410D データシート(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1410D データシート(HTML) 2 Page - Dallas Semiconductor |
|
2 / 2 page ![]() DS1410D 021798 2/2 DS1410D SOFTWARE The DS1410D Development Kit contains access sys- tem software which must be linked with the application software in order to complete integration. The support for the application development environments and operating systems lies in the interface software of the access system. The access system contains the low level interface for communicating with the Buttons. NOTE: The DS1410D is not object code compatible with the DS1410. However, both object modules can co–exist to provide support for both holders. DS1410D HARDWARE The DS1410D passes through all the parallel port I/O lines, which allows them to be stacked with other DS1410D’s or other parallel port resident devices. The DS1410D attaches directly to the PC parallel port. If use of a printer is desired, the DS1410D should reside between the parallel port and the printer cable. With system and printer both off, simply plug the 25–pin male D connector side of the DS1410D into the PC parallel port and then plug the printer cable into the 25–pin female D connector side of the DS1410D. The top and bottom screws that reside on the DS1410D and the printer cable should then be tightened accordingly. Attaching another parallel port device is not required to operate the DS1410D. To cascade DS1410D’s, simply follow the same direc- tions as above, inserting DS1410D 25–pin D male and female connectors accordingly. |