| データシートサーチシステム |
|
KL5KUSB201 データシート(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KL5KUSB201 データシート(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 21 page ![]() Kawasaki USB device KL5KUSB201 Datasheet (digest) rev 1.1E page 16/21 Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved. Figure 9-1 KL5KUSB201 T&MT Daughter Board 9.2 PCI Evaluation Add-in Card The USB2.0 to PCI Adapter card is developed for the purpose of evaluating the LSI as a USB device system using PC. The PCI card includes the LSI, USB connector, all necessary parts and U2PCI Chip, which is described later. The PCI card performs the control of the LSI, USB packet buffering, PCI bus transfer operation with high throughput. Evaluation software is available together with the board. Figure 9-2 KL5KUSB201 PCI Evaluation Add-in Card |