データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CRD5463PM データシート(PDF) 5 Page - Cirrus Logic

部品番号 CRD5463PM
部品情報  Easy Plug-and-play Design
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD5463PM データシート(HTML) 5 Page - Cirrus Logic

  CRD5463PM Datasheet HTML 1Page - Cirrus Logic CRD5463PM Datasheet HTML 2Page - Cirrus Logic CRD5463PM Datasheet HTML 3Page - Cirrus Logic CRD5463PM Datasheet HTML 4Page - Cirrus Logic CRD5463PM Datasheet HTML 5Page - Cirrus Logic CRD5463PM Datasheet HTML 6Page - Cirrus Logic CRD5463PM Datasheet HTML 7Page - Cirrus Logic CRD5463PM Datasheet HTML 8Page - Cirrus Logic CRD5463PM Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CRD5463PM
DS805RD2
5
2.5 ATtiny2313 Microcontroller
In addition to the CS5463 on the daughter board, an Atmel™ ATtiny2313 microcontroller is used to initial-
ize the CS5463, convert the SPI into UART, and provide nonvolatile memory for the calibrations.
The ATtiny2313 is an MCU with SPI and UART interfaces, 2 kB Flash program memory and 128 bytes
EEPROM data memory. The MCU acts as a communication bridge between the CS5463’s SPI interface
and the UART of the UART-to-USB converter. The EEPROM data memory is used to store calibration
information.
The hardware connections between the ATtiny2313 and the CS5463 are RESET, SCLK, CS, SDI, SDO,
INT (interrupt), and connection-configurable clock signals. Through the population of the 0 ohms resistor
R15 or R16, the clock source can be shared between the CS5463 and the ATtimy2313. In the current
version of the CRD5463PM, the CS5463 and ATtiny2313 are configured to use their own clock sources.
The CS5463 uses a 4.096 MHz crystal and the ATtiny2313 uses its internal 8 MHz R-C oscillator.
On the daughter board, connector J4 is provided for programming and debugging the ATtiny2313 MCU.
WARNING
High Voltage Hazard
The signal ground for the daughter board is the power line.
DO NOT CONNECT ANY DEBUGGING OR PROGRAMMING TOOLS TO THE J4 CONNECTOR WHEN
AC LINE POWER IS CONNECTED.
Please consult with Cirrus Logic engineering if re-programming the MCU is desired.
For more detailed information of ATtiny 2313, please refer to the ATtiny2313 datasheet.
2.6 Isolated UART
Because the CRD5463PM uses non-isolated components as the current and voltage sensors, the signal
ground of the CS5463 and MCU is the live connection to the main power. However, the signal ground of
the PC USB port is normally chassis ground or earth ground. The electrical isolation must be fulfilled on
the UART communication interface to allow the CRD5463PM to be connected to a PC through a USB
cable without short-circuit and safety problems. The CRD5463PM uses 2 opto-couplers to isolate the
UART interface. The isolation rating is 5300 V RMS.
2.7 UART-USB Interface- FT232R
A USB-to-UART interface IC, FT232R, is used on the main board to interface the CRD to a PC as a virtual
COM port through the USB connection.
3. SOFTWARE CONTROL
The CRD5463PM comes with GUI software and a USB cable to link the CRD to a PC. The GUI was de-
veloped with Lab Windows™/CVI™, a software development package from National Instruments Corpo-
ration. The GUI software is available for download on the Cirrus Logic web site at:
http://www.cirrus.com/industrialsoftware
The software was designed to run under Windows 2000™ or Windows XP® operating system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com