| データシートサーチシステム |
|
PIC12CE673-04/JM データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-04/JM データシート(HTML) 73 Page - Microchip Technology |
|
73 / 129 page ![]() © 1999 Microchip Technology Inc. DS30561B-page 73 PIC12C67X BCF Bit Clear f Syntax: [ label ] BCF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 0 → (f<b>) Status Affected: None Encoding: 01 00bb bfff ffff Description: Bit ’b’ in register ’f’ is cleared. Words: 1 Cycles: 1 Example BCF FLAG_REG, 7 Before Instruction FLAG_REG = 0xC7 After Instruction FLAG_REG = 0x47 BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 1 → (f<b>) Status Affected: None Encoding: 01 01bb bfff ffff Description: Bit ’b’ in register ’f’ is set. Words: 1 Cycles: 1 Example BSF FLAG_REG, 7 Before Instruction FLAG_REG = 0x0A After Instruction FLAG_REG = 0x8A BTFSC Bit Test, Skip if Clear Syntax: [ label ] BTFSC f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: skip if (f<b>) = 0 Status Affected: None Encoding: 01 10bb bfff ffff Description: If bit ’b’ in register ’f’ is ’0’, then the next instruction is skipped. If bit ’b’ is ’0’, then the next instruc- tion fetched during the current instruction execution is discarded, and a NOP is executed instead, making this a 2 cycle instruction. Words: 1 Cycles: 1(2) Example HERE FALSE TRUE BTFSC GOTO • • • FLAG,1 PROCESS_CO DE Before Instruction PC = address HERE After Instruction if FLAG<1> = 0, PC = address TRUE if FLAG<1>=1, PC = address FALSE |