データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12CE673-04E/JM データシート(PDF) 21 Page - Microchip Technology

部品番号 PIC12CE673-04E/JM
部品情報  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/JM データシート(HTML) 21 Page - Microchip Technology

Back Button PIC12CE673-04E/JM Datasheet HTML 17Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 18Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 19Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 20Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 21Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 22Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 23Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 24Page - Microchip Technology PIC12CE673-04E/JM Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 21
PIC12C67X
4.2.2.7
OSCCAL REGISTER
The Oscillator Calibration (OSCCAL) Register is used
to calibrate the internal 4 MHz oscillator. It contains four
bits for fine calibration and two other bits to either
increase or decrease frequency.
REGISTER 4-7:
OSCCAL REGISTER (ADDRESS 8Fh)
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
U-0
U-0
CAL3
CAL2
CAL1
CAL0
CALFST
CALSLW
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4:
CAL<3:0>: Fine Calibration
bit 3:
CALFST: Calibration Fast
1
= Increase frequency
0
= No change
bit 2:
CALSLW: Calibration Slow
1
= Decrease frequency
0
= No change
bit 1-0:
Unimplemented: Read as ’0’
Note:
If CALFST = 1 and CALSLW = 1, CALFST has precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More