データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F15558 データシート(PDF) 29 Page - Ledil, Inc.

部品番号 F15558
部品情報  Mirella Reflector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15558 データシート(HTML) 29 Page - Ledil, Inc.

Back Button F15558 Datasheet HTML 21Page - Ledil, Inc. F15558 Datasheet HTML 22Page - Ledil, Inc. F15558 Datasheet HTML 23Page - Ledil, Inc. F15558 Datasheet HTML 24Page - Ledil, Inc. F15558 Datasheet HTML 25Page - Ledil, Inc. F15558 Datasheet HTML 26Page - Ledil, Inc. F15558 Datasheet HTML 27Page - Ledil, Inc. F15558 Datasheet HTML 28Page - Ledil, Inc. F15558 Datasheet HTML 29Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29